Part Number Hot Search : 
50094 5318S21 SSM3K14 SMAJ4759 2SK3703 WP934 C3220VSC 4BTET01
Product Description
Full Text Search
 

To Download LP2950-02YZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 













search by keyword search by part number parametric search list of all parts lp2950/2951 100ma low-dropout voltage regulator download pdf file general description features the lp2950 and lp2951 are micropower voltage regulators with very low dropout voltage (typically 40mv at light loads and 380mv at 100ma), and very low quiescent current (75a typical). the quiescent current of the lp2950/lp2951 increases only slightly in dropout, thus prolonging battery life. this feature, among others, makes the lp2950 and lp2951 ideally suited for use in battery-powered systems. available in a 3-pin to-92 package, the lp2950 is pin-compatible with the older 5v regulators. additional system functions, such as programmable output voltage and logic- controlled shutdown, are available in the 8-pin dip and 8-pin soic versions of the lp2951. additional features available with the lp2951 also include an error flag output that warns of a low output voltage, which is often due to failing batteries on the input. this may also be used as a power-on reset. a logic- compatible shutdown input is also available which enables the regulator to be switched on and off. this part may also be pin-strapped for a 5v output, or programmed from 1.24v to 29v with the use of two external resistors. the lp2950 is available as either an -02 or -03 version. the -02 and -03 versions are guaranteed for junction temperatures from ?40c to +125c; the -02 version has a tighter output and reference voltage specification l high accuracy 5v, guaranteed 100 ma output l extremely low quiescent current l low-dropout voltage l extremely tight load and line regulation l very low temperature coefficient l use as regulator or reference l needs only 1f for stability l current and thermal limiting l lp2951 versions only m error flag warns of output dropout m logic-controlled electronic shutdown m output programmable from 1.24 to 29v
range over temperature. the lp2951 is available as an -02 or -03 version. the lp2950 and lp2951 have a tight initial tolerance (0.5% typical), a very low output voltage temperature coefficient which allows use as a low- power voltage reference, and extremely good load and line regulation (0.05% typical). this greatly reduces the error in the overall circuit, and is the result of careful design techniques and process control. packages applications standard pb-free package lp2950-02bz LP2950-02YZ to-92-3 lp2950-03bz lp2950-03yz lp2951-02bm lp2951-02ym 8-pin soic lp2951-03bm lp2951-03ym lp2951-02bn contact factory 8-pin plastic dip lp2951-03bn contact factory l automotive electronics l voltage reference l avionics download pdf file contact us privacy terms of use feedback login copyright 2008 micrel, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of LP2950-02YZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X